PART |
Description |
Maker |
3329H 3329H504 3329H101 3329H102 3329H201 3329H501 |
6.8B>4.7 Circularity/ Single Turn /Trimming Potentiometer 6.8.7 Circularity/ Single Turn /Trimming Potentiometer 6.8.7单转/微调电位
|
DB Lectro Inc. DB Lectro, Inc.
|
TSR-3361 |
Circularity Trimming Potentiometer - 3329
|
Suntan Capacitors
|
TSR-3329-17 |
Circularity Trimming Potentiometer ?3329
|
Suntan Capacitors
|
R7S00212 R7S00412 R7S00612 R7S00812 R7S01012 R7S01 |
200V, 1200A general purpose single diode 400V, 1200A general purpose single diode 600V, 1200A general purpose single diode 800V, 1200A general purpose single diode 1000V, 1200A general purpose single diode 1200V, 1200A general purpose single diode 1400V, 1200A general purpose single diode 1600V, 1200A general purpose single diode 1800V, 1200A general purpose single diode 2000V, 1200A general purpose single diode 2200V, 1200A general purpose single diode
|
Powerex Power Semiconductors
|
TSMBG1005C TSMBG1006C TSMBG1007C TSMBG1009C TSMBG1 |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|100V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|110V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|145V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|185V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|200V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|210V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|215V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|250V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|265V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|300V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|350V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|440V V(BO) MAX|DO-215AA 单双向击穿二极管| 440V五(公报)最大|的DO - 215AA
|
ITT, Corp.
|
BP200-0AG-014V BP200-0CW-024V BP200-0UY-005V BP200 |
T-1 3/4 SINGLE COLOR LED, AQUA GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, WHITE, 5 mm T-1 3/4 SINGLE COLOR LED, SUPER YELLOW, 5 mm T-1 3/4 SINGLE COLOR LED, SUPER BLUE, 5 mm T-1 3/4 SINGLE COLOR LED, LIME GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, SUPER ORANGE, 5 mm T-1 3/4 SINGLE COLOR LED, ULTRA RED, 5 mm
|
LEDtronics, Inc.
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|